|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number :EN3107A FC801 Silicon Epitaxal Planar Diode Composite Diode for High-Speed Switching Applications Features * Composite type with 4 diodes contained in the CP package currently in use, improving the mounting efficiency greatly. * The FC801 is formed with two chips, each being equivalent to the DCA015, placed in one package. Package Dimensions unit:mm 1232A [FC801] 1:Cathode 2:Cathode 3:Anode 4:Cathode 5:Cathode 6:Anode SANYO:CP6 Specifications Absolute Maximum Ratings at Ta = 25C Parameter Peak Reverse Voltage Reverse Voltage Surge Current Average Rectified Current Peak Forward Current Junction Temperature Storage Temperature Symbol VRM VR IFSM IO IFM Tj Tstg 1s Conditions Ratings 75 50 4 100 300 150 -50 to +150 Unit V V A mA mA C C Electrical Characteristics at Ta = 25C Parameter Forward Voltage Symbol VF IF=10mA IF=50mA IF=100mA Reverse Current Intertermimal Capacitance Reverse Recovery Time IR C trr VR=50V VR=0V, f=1MHz IF=10mA, VR=6V, RL=50, Irr=0.1Irp 4.5 Conditions Ratings min typ 0.72 0.82 0.88 max 1.0 1.0 1.2 100 9.0 8.0 V V V nA pF ns Unit Note) The specifications shown above are for each individual diode. * Marking:801 Reverse Recovery Time Test Circuit Electrical Connection SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 22898HA (KT)/91694MO 8-4998/5169MO, TS No.3107-1/2 FC801 No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of February, 1998. Specifications and information herein are subject to change without notice. PS No.3107-2/2 |
Price & Availability of FC801 |